Part Number Hot Search : 
CHT32 29TC649 LTV702VA TC5048AP MC68060 WR1210 FDN371 855744
Product Description
Full Text Search
 

To Download 350GE451U030C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 350 105 C, Low Inductance, Radial, Aluminum Electrolytic
High Frequency, Solid Aluminum Top
Type 350's solid aluminum top assures extremely low impedance. With a typical 4 to 6 nH ESL, the self resonant frequency is well above 100 kHz. The very low ESR assures the low impedance rating. The capacitors are fitted with three rugged welded mounting leads to provide maximum resistance
Highlights
* * * Operates to beyond 200 kHz Less than 10 nH ESL Solid aluminum top
Specifications
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature Range: Shelf Life: Leakage Current: Cold Impedance: 90 to 11,000 F 6.3 to 100 Vdc -10 +75% -55 C to +105 C 500 hours @ +105 C 0.5 CV A at +25 C -55 multiple of +25 C Z 6 for 6.3 V, 3 for 10 to 50 V, 2 for 75 & 100 V Ripple Current Multipliers: Ambient Temperature
45 C 1.66 55 C 1.52 65 C 1.37 75 C 1.20 85 C 1.00 95 C 0.75 105 C 0.36
Frequency
60 Hz 6.3 to 20 V 25 to 35 V 50 to 75 V
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
120 Hz 0.65 0.55 0.50 0.40
360 Hz 0.73 0.65 0.60 0.52
1 kHz 0.90 0.85 0.80 0.75
5 kHz 10 kHz & up 0.95 0.92 0.90 0.87 1.00 1.00 1.00 1.00
0.53 0.45 0.36 0.29
100 V
Load Life:
Shelf Life: Vibration:
4,000 h @ +105 C at full load Capacitance 10% ESR 150% of limit DCL 100% of limit 500 h @ 105 C, capacitance, ESR and DCL, initial requirement 10 to 55 Hz, 0.06" and 10 g max, 2 h in each plane
T .015
Outline Drawing
S1 S2
L
.025 .015
D
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 350 105 C, Low Inductance, Radial, Aluminum Electrolytic
Case Dimensions
Case Code GE GJ GL GP HE HJ HL HP JJ Nominal DxL 3/4 x 1 1/8 3/4 x 1 5/8 3/4 x 2 1/8 3/4 x 2 5/8 7/8 x 1 1/8 7/8 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 1 5/8 Insulated DxL 0.775 x 1.157 0.775 x 1.657 0.775 x 2.157 0.775 x 2.657 0.900 x 1.157 0.900 x 1.657 0.900 x 2.157 0.900 x 2.657 1.025 x 1.657 Inches S1 0.015 0.2 0.2 0.2 0.2 0.3 0.3 0.3 0.3 0.3 S2 0.015 0.10 0.10 0.10 0.10 0.15 0.15 0.15 0.15 0.15 0.3 0.3 0.3 0.3 0.4 0.4 0.4 0.4 0.4 T
Part Numbering System
350 Type 350 JP Case Code See table 1152 Capacitance 900 = 90 F 161 = 160 F 882 = 8800 F 1152 = 11500 F U Tolerance U = -10 +75% T = -10 +50% 6R3 Voltage 6R3 = 6.3 Vdc 063 = 63 Vdc 100 = 100 Vdc C Insulation O = Bare can B = Plastic insulation with epoxy C = Plastic insulation, no epoxy
Typical Performance Curves
Type 350 Impedance vs. Frequency
1000 45 C 55 C 100 65 C 75 C 85 C 10 105 C 95 C
10
Type 350 Operating Life in Kilohours vs. Ripple Current
1.0 Impedance ()
3,400 F 6.3 Vdc
0.1
11,500 F 6.3 Vdc 6,100 F 6.3 Vdc
0.01
Expedted Operating Life, kh
1
0.001 100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
1000
10k
100k
1M
10M
Rated Ripple-Current Multiple
Frequency (Hz)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 350 105 C, Low Inductance, Radial, Aluminum Electrolytic
Typical Performance Curves
ESR vs. Temperature Characteristics (10 kHz)
100 50 Vdc 10 40 Vdc 1
Capacitance - % of 25 C Value
ESR - Ratio to 25 C Value
110
Capacitance vs. Temperature (120 Hz)
100
75 Vdc 6.3 Vdc
90
80
0.1 -55
-40
-20
0
25
40
60
85
105
70 -55
-40
-20
0
25
40
60
85
105
Temperature (C)
Temperature (C)
Ratings
ESR Max Cap (F) 1600 2400 3000 3400 4200 4400 5400 6100 6300 8300 8800 11000 1500 2300 2700 3200 3900 4200 5100 5800 6000 7900 8400 11000 1400 2100 2600 3000 3800 3900 4800 5400 Catalog Part Number 350GE162U6R3C 350HE242U6R3C 350GJ302U6R3C 350JE342U6R3C 350GL422U6R3C 350HJ442U6R3C 350GP542U6R3C 350JJ612U6R3C 350HL632U6R3C 350HP832U6R3C 350JL882U6R3C 350JP113U6R3C 350GE152U7R5C 350HE232U7R5C 350GJ272U7R5C 350JE322U7R5C 350GL392U7R5C 350HJ422U7R5C 350GP512U7R5C 350JJ582U7R5C 350HL602U7R5C 350HP792U7R5C 350JL842U7R3C 350JP113U7R5C 350GE142U010C 350HE212U010C 350GJ262U010C 350JE302U010C 350GL382U010C 350HJ392U010C 350GP482U010C 350JJ542U010C +25 C 120 Hz 0.087 0.065 0.050 0.058 0.035 0.037 0.029 0.033 0.027 0.022 0.024 0.020 0.091 0.068 0.052 0.059 0.037 0.039 0.030 0.034 0.028 0.023 0.025 0.020 0.098 0.072 0.055 0.062 0.039 0.041 0.031 0.036 20 kHz 0.043 0.035 0.025 0.031 0.018 0.020 0.015 0.018 0.015 0.013 0.014 0.012 0.044 0.035 0.026 0.031 0.018 0.021 0.015 0.018 0.015 0.013 0.014 0.012 0.045 0.035 0.026 0.032 0.019 0.021 0.015 0.019 6.3 Vdc (8.5 Vdc Surge) 0.040 0.034 0.025 0.031 0.019 0.022 0.017 0.020 0.018 0.016 0.016 0.015 0.040 0.034 0.025 0.030 0.019 0.022 0.016 0.019 0.018 0.016 0.016 0.014 0.040 0.034 0.025 0.030 0.019 0.022 0.016 0.020 3.2 3.7 4.6 4.0 6.6 5.6 8.0 6.2 7.5 8.8 8.1 9.6 3.2 3.7 4.6 3.9 6.6 5.6 7.9 6.1 7.4 8.8 8.0 9.5 3.1 3.6 4.5 3.6 6.5 5.5 7.8 5.7 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 800 1200 1500 1700 350GE801U020C 350HE122U020C 350GJ152U020C 350JE172U020C 950 1500 1700 2000 2500 2600 3200 3600 3800 4900 5200 6800 350GE951U016C 350HE152U016C 350GJ172U016C 350JE202U016C 350GL252U016C 350HJ262U016C 350GP322U016C 350JJ362U016C 350HL382U016C 350HP492U016C 350JL522U016C 350JP682U016C 1100 1700 2000 2400 2900 3000 3700 4200 4400 5800 6100 8000 350GE112U012C 350HE172U012C 350GJ202U012C 350JE242U012C 350GL292U012C 350HJ302U012C 350GP372U012C 350JJ422U012C 350HL442U012C 350HP582U012C 350JL612U012C 350JP802U012C 5600 7300 7800 10000 350HL562U010C 350HP732U010C 350JL782U010C 350JP103U010C Imped. +25 C 100 kHz Ripple A +85 C 20 kHz Nom Size (in) DxL Cap (F) Catalog Part Number ESR Max +25 C 120 Hz 0.030 0.024 0.026 0.021 0.108 0.079 0.061 0.067 0.044 0.045 0.035 0.038 0.032 0.026 0.028 0.023 0.116 0.085 0.066 0.071 0.047 0.048 0.037 0.041 0.034 0.028 0.029 0.024 0.125 0.089 0.070 0.075 20 kHz 0.015 0.013 0.014 0.012 0.046 0.036 0.027 0.032 0.019 0.021 0.016 0.029 0.016 0.013 0.014 0.012 0.047 0.037 0.027 0.033 0.020 0.022 0.016 0.019 0.016 0.013 0.014 0.012 0.048 0.038 0.028 0.033 10 Vdc (12 Vdc Surge) 0.018 0.016 0.016 0.015 0.042 0.034 0.025 0.031 0.020 0.022 0.017 0.020 0.018 0.016 0.016 0.015 0.042 0.035 0.025 0.031 0.020 0.022 0.017 0.020 0.018 0.016 0.016 0.015 0.042 0.035 0.026 0.031 7.3 8.7 7.5 9.0 3.1 3.6 4.4 3.8 6.4 5.4 7.7 6.0 7.2 8.6 7.8 9.3 3.0 3.5 4.3 3.7 6.3 5.3 7.6 5.9 7.1 8.4 7.7 9.2 3.0 3.5 4.2 3.7 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 Imped. +25 C 100 kHz Ripple A +85 C 20 kHz Nom Size (in) DxL
12 Vdc (18 Vdc Surge)
7.5 Vdc (10 Vdc Surge)
16 Vdc (20 Vdc Surge)
10 Vdc (12 Vdc Surge)
20 Vdc (25 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 350 105 C, Low Inductance, Radial, Aluminum Electrolytic
Ratings
ESR Max Cap (F) 2100 2200 2800 3000 3200 4200 4500 5900 600 900 1100 1300 1500 1600 2000 2300 2300 3100 3300 4300 450 700 800 950 1100 1200 1500 1700 1800 2300 2500 3200 320 500 600 700 850 900 1100 1200 1300 1700 1800 2300 Catalog Part Number 350GL212U020C 350HJ222U020C 350GP282U020C 350JJ302U020C 350HL322U020C 350HP422U020C 350JL452U020C 350JP592U020C 350GE601U025C 350HE901U025C 350GJ112U025C 350JE132U025C 350GL152U025C 350HJ162U025C 350GP202U025C 350HL232U025C 350JJ232U025C 350HP312U025C 350JL332U025C 350JP432U025C 350GE451U030C 350HE701U030C 350GJ801U030C 350JE951U030C 350GL112U030C 350HJ122U030C 350GP152U030C 350JJ172U030C 350HL182U030C 350HP232U030C 350JL252U030C 350JP322U030C 350GE321U040C 350HE501U040C 350GJ601U040C 350JE701U040C 350GL851U040C 350HJ901U040C 350GP112U040C 350JJ122U040C 350HL132U040C 350HP172U040C 350JL182U040C 350JP232U040C +25 C 120 Hz 0.050 0.051 0.040 0.043 0.036 0.029 0.031 0.025 0.140 0.100 0.079 0.082 0.056 0.057 0.044 0.040 0.047 0.032 0.034 0.027 0.155 0.110 0.088 0.089 0.062 0.062 0.048 0.050 0.044 0.035 0.036 0.029 0.176 0.123 0.100 0.099 0.070 0.070 0.055 0.056 0.049 0.039 0.040 0.032 20 kHz 0.020 0.022 0.017 0.020 0.016 0.014 0.014 0.012 0.050 0.039 0.029 0.034 0.021 0.023 0.017 0.017 0.020 0.014 0.015 0.013 0.052 0.041 0.030 0.036 0.022 0.024 0.018 0.021 0.017 0.015 0.016 0.013 0.054 0.042 0.031 0.037 0.023 0.025 0.018 0.022 0.018 0.015 0.016 0.013 Imped. +25 C 100 kHz 0.020 0.022 0.017 0.020 0.018 0.016 0.016 0.015 0.042 0.035 0.026 0.031 0.020 0.022 0.017 0.018 0.021 0.016 0.017 0.016 0.043 0.035 0.026 0.032 0.02 0.023 0.017 0.021 0.018 0.016 0.017 0.016 0.043 0.035 0.026 0.032 0.02 0.023 0.017 0.021 0.018 0.016 0.017 0.016 Ripple A +85 C 20 kHz 6.2 5.3 7.5 5.8 7.0 8.3 7.6 9.1 2.9 3.4 4.1 3.6 6.0 5.1 7.3 6.8 5.6 8.2 74.0 8.9 2.8 3.3 4.0 3.4 5.8 5.0 7.1 5.5 6.6 8.0 7.2 8.6 2.7 3.2 3.9 3.4 5.7 4.9 6.9 5.4 6.5 7.9 7.1 8.5 Nom Size (in) DxL 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 1 x 1 5/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 90 140 160 200 210 240 290 330 340 450 460 620 350GE090U100C 350HE141U100C 350GJ161U100C 350JE201U100C 350GL211U100C 350HJ241U100C 350GP291U100C 350HL331U100C 350JJ341U100C 350HP451U100C 350JL461U100C 350JP621U100C 150 230 250 320 340 390 460 530 540 710 740 1000 350GE151U075C 350HE231U075C 350GJ251U075C 350JE321U075C 350GL341U075C 350HJ391U075C 350GP461U075C 350HL531U075C 350JJ541U075C 350HP711U075C 350JL741U075C 350JP101U075C 220 330 350 460 500 560 350GE221U060C 350HE331U060C 350GJ351U060C 350JE461U060C 350GL501U060C 350HJ561U060C Cap (F) 250 370 450 500 650 680 800 900 1000 1300 1300 1800 Catalog Part Number 350GE251U050C 350HE371U050C 350GJ451U050C 350JE501U050C 350GL651U050C 350HJ681UO5OC 350GP801U050C 350JJ901U050C 350HL102U050C 350HP132U050C 350JL132U050C 350JP182U050C ESR Max +25 C 120 Hz 0.195 0.135 0.110 0.105 0.077 0.076 0.060 0.060 0.054 0.043 0.043 0.034 0.210 0.145 0.120 0.114 0.082 0.082 0.640 0.400 0.320 0.280 0.215 0.210 0.160 0.140 0.155 0.106 0.105 0.078 0.800 0.500 0.440 0.400 0.295 0.290 0.220 0.195 0.210 0.145 0.140 0.105 20 kHz 0.057 0.044 0.033 0.038 0.024 0.026 0.019 0.022 0.019 0.016 0.017 0.014 0.060 0.045 0.034 0.039 0.024 0.027 0.240 0.145 0.135 0.110 0.100 0.090 0.074 0.067 0.068 0.050 0.051 0.038 0.240 0.160 0.142 0.130 0.105 0.095 0.078 0.071 0.071 0.053 0.053 0.040 50 Vdc (75 Vdc Surge) 0.043 0.036 0.026 0.033 0.020 0.023 0.018 0.022 0.019 0.017 0.018 0.016 0.044 0.036 0.027 0.034 0.020 0.023 0.240 0.145 0.135 0.110 0.100 0.090 0.074 0.067 0.068 0.050 0.051 0.038 0.240 0.160 0.142 0.130 0.105 0.095 0.078 0.071 0.071 0.053 0.040 0.040 2.6 3.1 3.8 3.3 5.5 4.7 6.7 5.2 6.3 7.7 7.0 8.4 2.5 3.0 3.7 3.2 5.4 4.6 1.7 2.2 2.6 2.5 3.9 3.5 5.0 5.0 4.0 6.4 5.6 7.0 1.7 2.2 2.3 2.4 3.5 3.2 4.6 4.5 3.7 5.8 6.7 6.7 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 1 x 1 5/8 7/8 x 2 1/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 1 x 1 5/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 3/4 x 1 1/8 7/8 x 1 1/8 3/4 x 1 5/8 1 x 1 1/8 3/4 x 2 1/8 7/8 x 1 5/8 3/4 x 2 5/8 7/8 x 2 1/8 1 x 1 5/8 7/8 x 2 5/8 1 x 2 1/8 1 x 2 5/8 Imped. +25 C 100 kHz Ripple A +85 C 20 kHz Nom Size (in) DxL
20 Vdc (25 Vdc Surge)
25 Vdc (30 Vdc Surge)
60 Vdc (85 Vdc Surge)
75 Vdc (95 Vdc Surge)
30 Vdc (40 Vdc Surge)
100 Vdc (125 Vdc Surge)
40 Vdc (50 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 350GE451U030C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X